| Moteur de recherche de fiches techniques de composants électroniques |
|
TSV712IQ2T Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV712IQ2T Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 29 page ![]() DocID023707 Rev 2 5/29 TSV711, TSV712, TSV714 Absolute maximum ratings and operating conditions Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 1.5 to 5.5 V Vicm Common mode input voltage range VCC- - 0.1 to VCC+ + 0.1 Toper Operating free air temperature range -40 to +125 °C |