Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APA Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce APA
Description  Pushbutton Switches, .120 Actuator, Straight
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

APA Fiches technique(HTML) 2 Page - Tyco Electronics

  APA Datasheet HTML 1Page - Tyco Electronics APA Datasheet HTML 2Page - Tyco Electronics APA Datasheet HTML 3Page - Tyco Electronics APA Datasheet HTML 4Page - Tyco Electronics APA Datasheet HTML 5Page - Tyco Electronics APA Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Part Number
Tyco
Alcoswitch
Type
Action
Electronics
1437567-8
APA2MGRA
DPST
N.O. Momentary
—
(1-3, 4-6)
1-1437567-0
APA2RGRA
DPDT
Momentary
2-3, 5-6
(2-1, 5-4)
Note: No center terminals on "M" action switches.
APA Series
D17
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
Pushbutton Switches, .120 Actuator, Right Angle
APA1FGRA
.130
(3.30)
DIA.
.025
(0.63)
.043
(1.09)
DIA. TYP.
.100
(2.54)
TYP.
.200
(5.08)
.097
(2.46)
.120
(3.00)
.027
(0.69)
.330
(8.38)
.403
(10.23)
.229
(5.82)
.020
(0.51)
TYP.
.100
(2.54)
TYP.
123
2.25
(5.72)
.135
(3.43)
.050
(1.20)
TRAVEL
.125
(3.17)
.012
0.30
.024
(0.60)
TYP.
DPST/DPDT
APA2RGRA
Bushing
.130
(3.30)
DIA.
.025
(0.63)
.120
(3.00)
.097
(2.46)
DIA.
.050
(1.20)
TRAVEL
.140
(3.56)
.012
(0.30)
.023
(0.58)
.030
(0.76)
.130
(3.30)
.350
(8.90)
.122
(3.09)
.335
(8.50)
.043
(1.09)
DIA. TYP.
.200
(5.08)
.100
(2.54)
.100
(2.54)
TYP.
.375
(9.53)
.298
(7.57)
.100
(2.54)
TYP.
.020
(0.51)
TYP.
12 3
45 6
SPST/SPDT
®
Part Number
Tyco
Alcoswitch
Type Action
Electronics
—
APA1BGRA
SPST
N.C. Momentary
1-3
(—)
1437567-4
APA1CGRA
SPST
N.O. Momentary
—
(1-3)
1437567-6
APA1FGRA
SPDT Momentary
2-3
(2-1)
Note: No center terminals on "B" or "C" action switches.



Html Pages

1 2 3 4 5 6