| Moteur de recherche de fiches techniques de composants électroniques |
|
ST6380B4 Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6380B4 Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 82 page ![]() 40/82 ST6380, ST6381, ST6382, ST6383, ST6388, ST6389 SERIAL PERIPHERAL INTERFACE (Cont’d) 4.3.3 Compatibility S-BUS/I2C BUS Using the S-BUS protocol it is possible to imple- ment mixed system including S-BUS/I2C BUS bus peripherals. In order to have the compatibility with the I2C BUS peripherals, the devices including the S-BUS interface must have their SDA and SEN pins connected together as shown in the following Figure 28 (a and b). It is also possible to use mixed S-BUS/I2C BUS protocols as showed in Figure 28 (c). S-BUS peripherals will only react to S-BUS protocol signals, while I2C BUS peripherals will only react to I2C BUS signals. Multimaster config- uration is not possible with the ST63xx SPI (single master only). Figure 28. S-BUS/ I2C BUS Mixed Configurations SCL SDA SEN ST6 S-BUS PROTOCOL SCL SDA SEN I2C-BUS SLAVE SCL SDA SCL SDA SEN ST6 I2C-BUS PROTOCOL SCL SDA SEN I2C-BUS SLAVE SCL SDA SCL SDA SEN ST6 PROTOCOL SCL SDA SEN I2C-BUS SLAVE SCL SDA S-BUS/I2C-BUS VA00457 VA00456 VA00452 a b c |