Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SU9V-R05034 Fiches technique(PDF) 2 Page - Kemet Corporation

No de pièce SU9V-R05034
Description  SU Coils, SU 9V/9H Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

SU9V-R05034 Fiches technique(HTML) 2 Page - Kemet Corporation

  SU9V-R05034 Datasheet HTML 1Page - Kemet Corporation SU9V-R05034 Datasheet HTML 2Page - Kemet Corporation SU9V-R05034 Datasheet HTML 3Page - Kemet Corporation SU9V-R05034 Datasheet HTML 4Page - Kemet Corporation SU9V-R05034 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0016_SU9V/9H • 6/16/2014
AC Line Filters – SU Coils, SU 9V/9H Type
Dimensions – Millimeters
SU9V
ø 0.6
17 Maximum
8.0 ±0.5
7.0 ±0.5
11 Maximum
17 Maximum
8.0 ±0.5
8.0
8.0
ø 0.6
15.5 Maximum
7.0 ±0.5
Environmental Compliance
All KEMET AC Line Filters are RoHS Compliant.
Table 1 – Ratings & Part Number Reference
(1) To complete KEMET part number, insert V for vertical core type or H for horizontal core type.
Part Number
Rated Current
AC (A)
Inductance
(mH)
Minimum
DC Resistance/
Line (Ω)
Maximum
Temperature
Rise (K)
Maximum
Marking
Weight (g)
Approximate
SU9(1)-01100
0.1
10
8.0
40
01100
3.0
SU9(1)-02080
0.2
8.0
6.0
40
02080
3.2
SU9(1)-03050
0.3
5.0
3.0
40
03050
3.4
SU9(1)-05020
0.5
2.0
1.0
40
05020
3.5
SU9(1)-07010
0.7
1.0
0.6
40
07010
3.5
SU9(1)-10005
1.0
0.5
0.3
40
10005
3.4
SU9(1)-R01180
0.1
18
8.0
40
R 01180
3.0
SU9(1)-R02140
0.2
14
6.0
40
R 02140
3.2
SU9(1)-R03090
0.3
9.0
3.0
40
R 03090
3.4
SU9(1)-R05034
0.5
3.4
1.0
40
R 05034
3.5
SU9(1)-R07017
0.7
1.7
0.6
40
R 07017
3.5
SU9(1)-R10008
1.0
0.8
0.3
40
R 10008
3.4
SU9H



Html Pages

1 2 3 4 5