Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NAND256R3A0AV1T Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce NAND256R3A0AV1T
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND256R3A0AV1T Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button NAND256R3A0AV1T Datasheet HTML 35Page - STMicroelectronics NAND256R3A0AV1T Datasheet HTML 36Page - STMicroelectronics NAND256R3A0AV1T Datasheet HTML 37Page - STMicroelectronics NAND256R3A0AV1T Datasheet HTML 38Page - STMicroelectronics NAND256R3A0AV1T Datasheet HTML 39Page - STMicroelectronics NAND256R3A0AV1T Datasheet HTML 40Page - STMicroelectronics NAND256R3A0AV1T Datasheet HTML 41Page - STMicroelectronics NAND256R3A0AV1T Datasheet HTML 42Page - STMicroelectronics NAND256R3A0AV1T Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
39/57
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
Figure 23. Command Latch AC Waveforms
Figure 24. Address Latch AC Waveforms
Note: Address cycle 4 is only required for 512Mb and 1Gb devices.
ai08028
CL
E
W
AL
I/O
tCLHWL
tELWL
tWHCLL
tWHEH
tWLWH
tALLWL
tWHALH
Command
tDVWH
tWHDX
(CL Setup time)
(CL Hold time)
(Data Setup time)
(Data Hold time)
(ALSetup time)
(AL Hold time)
(E Setup time)
(E Hold time)
ai08029
CL
E
W
AL
I/O
tWLWH
tELWL
tWLWL
tCLLWL
tWHWL
tALHWL
tDVWH
tWLWL
tWLWL
tWLWH
tWLWH
tWLWH
tWHWL
tWHWL
tWHDX
tWHALL
tDVWH
tWHDX
tDVWH
tWHDX
tDVWH
tWHDX
tWHALL
Adrress
cycle 1
tWHALL
(AL Setup time)
(AL Hold time)
Adrress
cycle 4
Adrress
cycle 3
Adrress
cycle 2
(CL Setup time)
(Data Setup time)
(Data Hold time)
(E Setup time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57