Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT69F360 Fiches technique(PDF) 34 Page - Holtek Semiconductor Inc

No de pièce HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Fiches technique(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 30Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 31Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 32Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 33Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 34Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 35Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 36Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 37Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 235 page
background image
Rev. 1.30
34
�ove��e� 1�� �01�
Rev. 1.30
35
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Device
Program Counter
Program Counter High Byte
PCL Register
HT�9F340
PC11~PC�
PCL7~PCL0
HT�9F350
PC1�~PC�
PCL7~PCL0
HT�9F3�0
PBP0� PC1�~PC�
PCL7~PCL0
Stack
ThisisaspecialpartofthememorywhichisusedtosavethecontentsoftheProgramCounter
only.Thestackisneitherpartofthedatanorpartoftheprogramspace,andisneitherreadablenor
writeable.TheactivatedlevelisindexedbytheStackPointer,andisneitherreadablenorwriteable.
Atasubroutinecallorinterruptacknowledgesignal,thecontentsoftheProgramCounterarepushed
ontothestack.Attheendofasubroutineoraninterruptroutine,signaledbyareturninstruction,
RETorRETI,theProgramCounterisrestoredtoitspreviousvaluefromthestack.Afteradevice
reset,theStackPointerwillpointtothetopofthestack.
Ifthestackisfullandanenabledinterrupttakesplace,theinterruptrequestflagwillberecorded
buttheacknowledgesignalwillbeinhibited.WhentheStackPointerisdecremented,byRETor
RETI,theinterruptwillbeserviced.Thisfeaturepreventsstackoverflowallowingtheprogrammer
tousethestructuremoreeasily.However,whenthestackisfull,aCALLsubroutineinstructioncan
stillbeexecutedwhichwillresultinastackoverflow.Precautionsshouldbetakentoavoidsuch
caseswhichmightcauseunpredictableprogrambranching.Ifthestackisoverflow,thefirstProgram
Countersaveinthestackwillbelost.
Pr og ra m Co un te r
St ac k Le ve l 1
St ac k Le ve l 2
St ac k Le ve l 3
St ac k Le ve l 8
Pr og ra m
Me mo ry
T op of S ta ck
St ac k
Po in te r
Bo tt om o f St ac k
Arithmetic and Logic Unit – ALU
Thearithmetic-logicunitorALUisacriticalareaofthemicrocontrollerthatcarriesoutarithmetic
andlogicoperationsoftheinstructionset.Connectedtothemainmicrocontrollerdatabus,theALU
receivesrelatedinstructioncodesandperformstherequiredarithmeticorlogicaloperationsafter
whichtheresultwillbeplacedinthespecifiedregister.AstheseALUcalculationoroperationsmay
resultincarry,borroworotherstatuschanges,thestatusregisterwillbecorrespondinglyupdatedto
reflectthesechanges.TheALUsupportsthefollowingfunctions:
• Arithmeticoperations:ADD,ADDM,ADC,ADCM,SUB,SUBM,SBC,SBCM,DAA,LADD,
LADDM,LADC,LADCM,LSUB,LSUBM,LSBC,LSBCM,LDAA
• Logicoperations:AND,OR,XOR,ANDM,ORM,XORM,CPL,CPLA,LAND,LANDM,
LOR,LORM,LXOR,LXORM,LCPL,LCPLA
• Rotation:RRA,RR,RRCA,RRC,RLA,RL,RLCA,RLC,LRR,LRRA,LRRCA,LRRC,
LRLA,LRL,LRLCA,LRLC
• IncrementandDecrement:INCA,INC,DECA,DEC,LINCA,LINC,LDECA,LDEC
• Branchdecision:JMP,SZ,SZA,SNZ,SIZ,SDZ,SIZA,SDZA,CALL,RET,RETI,LSNZ,LSZ,
LSZA,LSIZ,LSIZA,LSDZ,LSDZA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More