| Moteur de recherche de fiches techniques de composants électroniques |
|
HT69F340 Fiches technique(PDF) 34 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT69F340 Fiches technique(HTML) 34 Page - Holtek Semiconductor Inc |
|
34 / 235 page ![]() Rev. 1.30 34 �ove��e� 1�� �01� Rev. 1.30 35 �ove��e� 1�� �01� HT69F340/HT69F350/HT69F360 TinyPowerTM I/O Flash MCU with LCD & EEPROM HT69F340/HT69F350/HT69F360 TinyPowerTM I/O Flash MCU with LCD & EEPROM Device Program Counter Program Counter High Byte PCL Register HT�9F340 PC11~PC� PCL7~PCL0 HT�9F350 PC1�~PC� PCL7~PCL0 HT�9F3�0 PBP0� PC1�~PC� PCL7~PCL0 Stack ThisisaspecialpartofthememorywhichisusedtosavethecontentsoftheProgramCounter only.Thestackisneitherpartofthedatanorpartoftheprogramspace,andisneitherreadablenor writeable.TheactivatedlevelisindexedbytheStackPointer,andisneitherreadablenorwriteable. Atasubroutinecallorinterruptacknowledgesignal,thecontentsoftheProgramCounterarepushed ontothestack.Attheendofasubroutineoraninterruptroutine,signaledbyareturninstruction, RETorRETI,theProgramCounterisrestoredtoitspreviousvaluefromthestack.Afteradevice reset,theStackPointerwillpointtothetopofthestack. Ifthestackisfullandanenabledinterrupttakesplace,theinterruptrequestflagwillberecorded buttheacknowledgesignalwillbeinhibited.WhentheStackPointerisdecremented,byRETor RETI,theinterruptwillbeserviced.Thisfeaturepreventsstackoverflowallowingtheprogrammer tousethestructuremoreeasily.However,whenthestackisfull,aCALLsubroutineinstructioncan stillbeexecutedwhichwillresultinastackoverflow.Precautionsshouldbetakentoavoidsuch caseswhichmightcauseunpredictableprogrambranching.Ifthestackisoverflow,thefirstProgram Countersaveinthestackwillbelost. Pr og ra m Co un te r St ac k Le ve l 1 St ac k Le ve l 2 St ac k Le ve l 3 St ac k Le ve l 8 Pr og ra m Me mo ry T op of S ta ck St ac k Po in te r Bo tt om o f St ac k Arithmetic and Logic Unit – ALU Thearithmetic-logicunitorALUisacriticalareaofthemicrocontrollerthatcarriesoutarithmetic andlogicoperationsoftheinstructionset.Connectedtothemainmicrocontrollerdatabus,theALU receivesrelatedinstructioncodesandperformstherequiredarithmeticorlogicaloperationsafter whichtheresultwillbeplacedinthespecifiedregister.AstheseALUcalculationoroperationsmay resultincarry,borroworotherstatuschanges,thestatusregisterwillbecorrespondinglyupdatedto reflectthesechanges.TheALUsupportsthefollowingfunctions: • Arithmeticoperations:ADD,ADDM,ADC,ADCM,SUB,SUBM,SBC,SBCM,DAA,LADD, LADDM,LADC,LADCM,LSUB,LSUBM,LSBC,LSBCM,LDAA • Logicoperations:AND,OR,XOR,ANDM,ORM,XORM,CPL,CPLA,LAND,LANDM, LOR,LORM,LXOR,LXORM,LCPL,LCPLA • Rotation:RRA,RR,RRCA,RRC,RLA,RL,RLCA,RLC,LRR,LRRA,LRRCA,LRRC, LRLA,LRL,LRLCA,LRLC • IncrementandDecrement:INCA,INC,DECA,DEC,LINCA,LINC,LDECA,LDEC • Branchdecision:JMP,SZ,SZA,SNZ,SIZ,SDZ,SIZA,SDZA,CALL,RET,RETI,LSNZ,LSZ, LSZA,LSIZ,LSIZA,LSDZ,LSDZA |