| Moteur de recherche de fiches techniques de composants électroniques |
|
HT69F240 Fiches technique(PDF) 21 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT69F240 Fiches technique(HTML) 21 Page - Holtek Semiconductor Inc |
|
21 / 172 page ![]() Rev. 1.20 20 �a��� 2�� 201� Rev. 1.20 21 �a��� 2�� 201� HT69F240 I/O 8-Bit Flash MCU with LED/LCD Driver HT69F240 I/O 8-Bit Flash MCU with LED/LCD Driver Duringtheprogrammingprocess,takingcontroloftheICPDAandICPCKpinsfordataandclock programmingpurposes.Theusermusttheretakecaretoensurethatnootheroutputsareconnected tothesetwopins. * * Wr it er _V DD IC PD A IC PC K Wr it er _V SS To o th er C ir cu it PA2 VSS PA 0 VD D Wr it er C onne ct or Si gnal s M CU Pr og ra mm in g Pi ns Note:*mayberesistororcapacitor.Theresistanceof*mustbegreater than1korthecapacitanceof*mustbelessthan1nF. On-Chip Debug Support – OCDS ThereisanEVchipdevice,HT69V240,whichisusedtoemulatetherealMCUdevice,HT69F240. TheEVchipdevicealsoprovidesthe"On-ChipDebug"functiontodebugtherealMCUdevice duringdevelopmentprocess.TherealMCUandEVchipdevicesarealmostfunctionalcompatible exceptthe"On-ChipDebug"functionandpackagetypes.UserscanusetheEVchipdeviceto emulatetherealMCUdevicebehaviorsbyconnectingtheOCDSDAandOCDSCKpinstothe HoltekHT-IDEdevelopmenttools.TheOCDSDApinistheOCDSData/Addressinput/output pinwhiletheOCDSCKpinistheOCDSclockinputpin.WhenusersusetheEVchipdevicefor debugging,thecorrespondingpinfunctionssharedwiththeOCDSDAandOCDSCKpinsinthe realMCUdevicewillhavenoeffectintheEVchipdevice.However,thetwoOCDSpinswhichare pin-sharedwiththeICPprogrammingpinsarestillusedastheFlashMemoryprogrammingpins forICP.FormoredetailedOCDSinformation,refertothecorrespondingdocumentnamed"Holtek e-Linkfor8-bitMCUOCDSUser’sGuide". Holtek e-Link Pins EV Chip Pins Pin Description OCDSDA OCDSDA On-C�ip Debug Suppo�t Data/Add�ess input/output OCDSCK OCDSCK On-C�ip Debug Suppo�t Clo�k input VDD VDD Powe� Supply GND VSS G�ound Data Memory TheDataMemoryisan8-bitwideRAMinternalmemoryandisthelocationwheretemporary informationisstored. Dividedintotwosections,thefirstoftheseisanareaofRAMwherespecialfunctionregistersare located.Theseregistershavefixedlocationsandarenecessaryforcorrectoperationofthedevice. Manyoftheseregisterscanbereadfromandwrittentodirectlyunderprogramcontrol,however, someremainprotectedfromusermanipulation.ThesecondareaofDataMemoryisreservedfor generalpurposeuse.Alllocationswithinthisareaarereadandwriteaccessibleunderprogram control.SwitchingbetweenthedifferentDataMemorybanksisachievedbysettingtheBankPointer tothecorrectvalue. |