Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT68F006 Fiches technique(PDF) 36 Page - Holtek Semiconductor Inc

No de pièce HT68F006
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F006 Fiches technique(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT68F006 Datasheet HTML 32Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 33Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 34Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 35Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 36Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 37Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 38Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 39Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 93 page
background image
Rev. 1.00
36
��to�e� ��� �01�
Rev. 1.00
37
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
NORMAL Mode to SLOW Mode Switching
WhenrunningintheNORMALMode,whichusesthehighspeedsystemoscillator,andtherefore
consumesmorepower,thesystemclockcanswitchtorunintheSLOWModebysettingthe
HLCLKbitto“0”andsettingtheCKS2~CKS0bitsto“000”or“001”intheSMODregister.This
willthenusethelowspeedsystemoscillatorwhichwillconsumelesspower.Usersmaydecideto
dothisforcertainoperationswhichdonotrequirehighperformanceandcansubsequentlyreduce
powerconsumption.
TheSLOWModeissourcedfromtheLIRCoscillatorandthereforerequirestheseoscillatorstobe
stablebeforefullmodeswitchingoccurs.ThisismonitoredusingtheLTObitintheSMODregister.
SL OW M ode
SL E EP0 M ode
SL E EP1 M ode
ID E L0 M ode
ID LE 1 M ode
NO RM AL M od e
CK S2 ~ C KS0 = 00x B &
HL CL K = 0
WD T is o ff
ID LE N = 0
HA LT i n st ru ct io n i s ex ec ut ed
WD T is o n
ID LE N = 0
HA LT i n st ru ct io n i s ex ec ut ed
ID LE N = 1, F SYS ON =0
HA LT i n st ru ct io n i s ex ec ut ed
ID LE N = 1, F SYSO N= 1
HA LT i n st ru ct io n i s ex ec ut ed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93