Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT45F4MA Fiches technique(PDF) 79 Page - Holtek Semiconductor Inc

No de pièce HT45F4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4MA Fiches technique(HTML) 79 Page - Holtek Semiconductor Inc

Back Button HT45F4MA Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 83Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 145 page
background image
Rev. 1.20
78
De�e��e� 1�� 201�
Rev. 1.20
79
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
CCRP
CCRA
Tn CCL R
Co mp ar at or P M at ch
Co mp ar at or A Ma tc h
Tn CK 2~ Tn CK 0
Tn ON
Tn PAU
b0 ~b 9
10 - bi t Co mp ar at or P
10 - bi t
Co mp ar at or A
Co un te r Cl ea r
10 -b it C ount -u p Co un te r
Tn PF In te rru pt
Tn AF In te rru pt
TP n Pi n
In pu t/ Ou tp ut
b0 ~b 9
Ed ge
De te ct or
Tn IO 1, T nI O0
Tn M1 , Tn M0
Tn IO 1, T nI O0
Tn PO L
Tn OC
Po l ar it y
Co nt ro l
Ou tp ut
Co nt ro l
TP n_1
TC Kn
11 1
00 0
00 1
01 0
01 1
10 0
10 1
11 0
f SY S /4
f SY S
f H /1 6
f H /6 4
f TB C
f H
0
1
0
1
Tn CA PT S
TP n_1
No te : T he T Pn _0 p in i s onl y in te r nal l y us ed a nd i s no t c o nne ct ed t o th e ex te rn al p in .
Periodic Type TM Block Diagram (n=1) – HT45FH4MA/HT45FH4MA-1
Periodic Type TM Register Description
OveralloperationofthePeriodicTMiscontrolledusingaseriesofregisters.Areadonlyregister
pairexiststostoretheinternalcounter10-bitvalue,whiletworead/writeregisterpairsexisttostore
theinternal10-bitCCRAandCCRPvalue.Theremainingtworegistersarecontrolregisterswhich
setupthedifferentoperatingandcontrolmodes.
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TM1C0
T1PAU
T1CK2
T1CK1
T1CK0
T1ON
—
—
—
TM1C1
T1M1
T1M0
T1IO1
T1IO0
T1OC
T1POL T1CAPTS T1CCLR
TM1DL
D7
D�
D5
D�
D3
D2
D1
D0
TM1DH
—
—
—
—
—
—
D9
D8
TM1AL
D7
D�
D5
D�
D3
D2
D1
D0
TM1AH
—
—
—
—
—
—
D9
D8
TM1RPL
D7
D�
D5
D�
D3
D2
D1
D0
TM1RPH
—
—
—
—
—
—
D9
D8
10-bit Periodic TM Register List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More