Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSEFDGM9553-R9 Fiches technique(PDF) 12 Page - LIGITEK electronics co., ltd.

No de pièce LSEFDGM9553-R9
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEFDGM9553-R9 Fiches technique(HTML) 12 Page - LIGITEK electronics co., ltd.

Back Button LSEFDGM9553-R9 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEFDGM9553-R9 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEFDGM9553-R9 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSEFDGM9553-R9 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSEFDGM9553-R9 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LSEFDGM9553-R9 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LSEFDGM9553-R9 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LSEFDGM9553-R9 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LSEFDGM9553-R9 Datasheet HTML 13Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Drive Method:
LED is a current operated device, and therefore, requirer some kind of current limiting incorporated into
the driver circuit. This current limiting typically takes the form of a current limiting resistor placed in series
with the LED.
Consider worst case voltage variations than could occur across the current limiting resistor. The forwrd
current should not be allowed to change by more than 40% of its desired value.
(A) Recommended circuit.
(B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED.
ESD(Electrostatic Discharge):
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
Cleaning:
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
Circuit model A
LED
LED
Circuit model B
Precautions For Use:
Storage time:
1.The operation of Temperatures and RH are : 5 ℃~35℃,RH60%.
2.Once the package is opened, the products should be used within a week.
Otherwise, they should be kept in a damp proof box with descanting agent.
Considering the tape life, we suggest our customers to use our products within
a year(from production date).
3.If opened more than one week in an atmosphere 5 ℃ ~ 35℃,RH60%,
they should be treated at 60 ±
℃
5 ℃fo r 15hrs.
PART NO. LSEFDGM9553/R9
11/12
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com