Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE24C512C Fiches technique(PDF) 13 Page - ACE Technology Co., LTD.

No de pièce ACE24C512C
Description  Two-wire serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C512C Fiches technique(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE24C512C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C512C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24C512C Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24C512C Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24C512C Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24C512C Datasheet HTML 14Page - ACE Technology Co., LTD. ACE24C512C Datasheet HTML 15Page - ACE Technology Co., LTD. ACE24C512C Datasheet HTML 16Page - ACE Technology Co., LTD. ACE24C512C Datasheet HTML 17Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ACE24C512C
Two-wire serial EEPROM
VER 1.1
13
Packaging information
DIP-8
Note1.Dimensions are not to scale
Symbol
Min
Typ
Max
A
5.330
A1
0.380
A2
2.920
3.300
4.950
b
0.360
0.460
0.560
b2
1.140
1.520
1.780
c
0.200
0.250
0.360
D
9.020
9.270
10.16
E
7.620
7.870
8.260
E1
6.100
6.350
7.110
e
2.540
eA
7.620
eB
10.92
L
2.920
3.300
3.810
Common Dimensions
(Unit of Measure=millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18