Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P3602ACMC Fiches technique(PDF) 57 Page - Teccor Electronics

No de pièce P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TECCOR [Teccor Electronics]
Site Internet  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Fiches technique(HTML) 57 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 53Page - Teccor Electronics P3602ACMC Datasheet HTML 54Page - Teccor Electronics P3602ACMC Datasheet HTML 55Page - Teccor Electronics P3602ACMC Datasheet HTML 56Page - Teccor Electronics P3602ACMC Datasheet HTML 57Page - Teccor Electronics P3602ACMC Datasheet HTML 58Page - Teccor Electronics P3602ACMC Datasheet HTML 59Page - Teccor Electronics P3602ACMC Datasheet HTML 60Page - Teccor Electronics P3602ACMC Datasheet HTML 61Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 212 page
background image
LCAS Asymmetrical Discrete Device
© 2002 Teccor Electronics
2 - 39
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Thermal Considerations
Package
Symbol
Parameter
Value
Unit
DO-214AA
TJ
Operating Junction Temperature Range
-40 to +125
°C
TS
Storage Temperature Range
-65 to +150
°C
RqJA
Thermal Resistance: Junction to Ambient
60
°C/W
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
V-I Characteristics
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (µs)
tr = rise time to peak value
td = decay time to half value
Waveform = tr x td
tr x td Pulse Wave-form
-8
-40 -20
0
20
40 60
80 100 120 140 160
-6
-4
0
2
4
6
8
10
12
14
Junction Temperature (T
J) – ˚C
25 ˚C
Normalized VS Change versus Junction Temperature
0.4
-40 -20
0
20 40 60 80 100 120 140 160
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Case Temperature (T
C) – ˚C
25 ˚C
Normalized DC Holding Current versus Case Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More