| Moteur de recherche de fiches techniques de composants électroniques |
|
TSV851 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV851 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 31 page ![]() DocID022468 Rev 4 5/31 TSV85x, TSV85xA Absolute maximum ratings and operating conditions 31 Table 3. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 2.3 to 5.5 V Vicm Common mode input voltage range VCC- - 0.2 to VCC+ - 1 Toper Operating free air temperature range -40 to +125 °C |