Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC87334VLJ Fiches technique(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Fiches technique(HTML) 2 Page - National Semiconductor (TI)

  PC87334VLJ Datasheet HTML 1Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 2Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 3Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 4Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 5Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 6Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 7Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 8Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 102 page
background image
General Description (Continued)
A set of eight configuration registers are provided to control
various functions of the PC87334 These registers are ac-
cessed using two 8-bit wide index and data registers The
ISA IO address of the register pair can be relocated using a
power-up strapping option
When idle advanced power management features allows
the PC87334 to enter extremely low power modes under
hardware or software control The PC87334 can operate
from a 5V or a 33V power supply An unique IO cell struc-
ture allows the PC87334 to interface directly with 5V exter-
nal components while operating from a 33V power supply
Features (Continued)
Y
The UARTs
Software compatible with the PC16550A and
PC16450
MIDI baud rate support
Infrared support on UART2 (IrDA-compliant)
Y
The IDE Control Logic
All IDE control signals with DMA support provided
Only external signal buffers required to implement
full IDE interface
Y
The Address Decoder
Provides selection of all primary and secondary ISA
addresses including COM1 – 4 and LPT1 – 3
Y
Enhanced Power Management
Special configuration registers for power-down
Enhanced programmable power-down FDC
command
Auto power-down and wake-up modes
3 special pins for power management
Typical current consumption during power-down is
less than 10 mA
Reduced pin leakage current
Y
Mixed Voltage Support
Supports standard 5V operation
Supports 33V operation
Supports mixed internal 33V operation with 33V5V
external configuration
Y
100-Pin TQFP packagePC87334VJG
Y
100-Pin PQFP packagePC87334VLJ
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More