| Moteur de recherche de fiches techniques de composants électroniques |
|
SFS60-HMBB3K02 Fiches technique(PDF) 4 Page - SICK AG |
|
|
|||||||||||||||||||||||||||||
SFS60-HMBB3K02 Fiches technique(HTML) 4 Page - SICK AG |
|
4 / 6 page ![]() A B C D E F H I J K L M N O P Q R S T SFS60-HMBB3K02 | SFS/SFM60 MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE® Dimensional drawing (Dimensions in mm (inch)) 45.5 (1.79) 9.4 (0.37) 3.4 (0.13) min. 15 (0.59) max. 42 (1.65) 2.5 (0.10) 7.75 (0.31) M12 x1 M23 x1 13 (0.51) 72±0.3 (2.83) Ø 3.2+0.1 (0.13) 47 (1.85) Ø 63±0.2 (2.48) A General tolerances according to DIN ISO 2768-mk PIN assignment View of the M12 male connector plug-in face PIN Signal Explanation 1 REFSIN Process data channel 2 + SIN Process data channel 3 REFCOS Process data channel 4 + COS Process data channel 5 Data + Parameter channel RS 485 6 Data - Parameter channel RS 485 8 US Supply voltage Housing Screen Screen connected with encoder housing 4 MOTOR FEEDBACK SYSTEMS | SICK Online data sheet | 2017-06-26 23:15:04 Subject to change without notice |