Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFS60-HMBB2K02 Fiches technique(PDF) 5 Page - SICK AG

No de pièce SFS60-HMBB2K02
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

SFS60-HMBB2K02 Fiches technique(HTML) 5 Page - SICK AG

  SFS60-HMBB2K02 Datasheet HTML 1Page - SICK AG SFS60-HMBB2K02 Datasheet HTML 2Page - SICK AG SFS60-HMBB2K02 Datasheet HTML 3Page - SICK AG SFS60-HMBB2K02 Datasheet HTML 4Page - SICK AG SFS60-HMBB2K02 Datasheet HTML 5Page - SICK AG SFS60-HMBB2K02 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SFS60-HMBB2K02 | SFS/SFM60
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE®
Diagram
Signal diagram for clockwise rotation of the shaft looking in direction "A" (see dimensional drawing)1 period = 360 ° : 1024
Recommended accessories
Other models and accessories
www.sick.com/SFS_SFM60
Brief description
Type
Part no.
Flanges
Stator coupling, 16.5 mm high
BEF-DS05XFX
2057423
Stator coupling with hole circle diameter 63 mm
BEF-DS07XFX
2059368
Plug connectors and cables
Head A: cable
Head B: cable
Cable: HIPERFACE®, HIPERFACE®, drag chain use, PUR, halogen-free, shielded
LTG-2708-MW
6028361
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, shielded, 2 m
DOL-1208-G02MAC1
6032866
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, shielded, 5 m
DOL-1208-G05MAC1
6032867
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, shielded, 10 m
DOL-1208-G10MAC1
6032868
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, shielded, 20 m
DOL-1208-G20MAC1
6032869
Head A: female connector, M12, 8-pin, straight, A-coding
Head B: -
Cable: Incremental, SSI, shielded
DOS-1208-GA01
6045001
Head A: male connector, M12, 8-pin, straight, A-coding
Head B: -
Cable: Incremental, shielded
STE-1208-GA01
6044892
Programming and configuration tools
SVip® LAN programming tool for all motor feedback systems
PGT-11-S LAN
1057324
SVip® WLAN programming tool for all motor feedback systems
PGT-11-S WLAN
1067474
2017-06-26 23:15:04 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
5



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com