Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD1117DC-R Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce LD1117DC-R
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117DC-R Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button LD1117DC-R Datasheet HTML 29Page - STMicroelectronics LD1117DC-R Datasheet HTML 30Page - STMicroelectronics LD1117DC-R Datasheet HTML 31Page - STMicroelectronics LD1117DC-R Datasheet HTML 32Page - STMicroelectronics LD1117DC-R Datasheet HTML 33Page - STMicroelectronics LD1117DC-R Datasheet HTML 34Page - STMicroelectronics LD1117DC-R Datasheet HTML 35Page - STMicroelectronics LD1117DC-R Datasheet HTML 36Page - STMicroelectronics LD1117DC-R Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
LD1117 series
Package mechanical data
33/38
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.0
13.2
0.504
0.512
0.519
D20.2
0.795
N60
2.362
T
14.4
0.567
Ao
6.73
6.83
6.93
0.265
0.269
0.273
Bo
7.32
7.42
7.52
0.288
0.292
0.296
Ko
1.78
2
0.070
0.078
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
7.9
8.0
8.1
0.311
0.315
0.319
Tape & Reel SOT223 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38