Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFS60-HMAB0K02 Fiches technique(PDF) 4 Page - SICK AG

No de pièce SFS60-HMAB0K02
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

SFS60-HMAB0K02 Fiches technique(HTML) 4 Page - SICK AG

  SFS60-HMAB0K02 Datasheet HTML 1Page - SICK AG SFS60-HMAB0K02 Datasheet HTML 2Page - SICK AG SFS60-HMAB0K02 Datasheet HTML 3Page - SICK AG SFS60-HMAB0K02 Datasheet HTML 4Page - SICK AG SFS60-HMAB0K02 Datasheet HTML 5Page - SICK AG SFS60-HMAB0K02 Datasheet HTML 6Page - SICK AG SFS60-HMAB0K02 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SFS60-HMAB0K02 | SFS/SFM60
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE®
Dimensional drawing (Dimensions in mm (inch))
45.5 (1.79)
9.4 (0.37)
3.4 (0.13)
min. 15 (0.59)
max. 42 (1.65)
2.5 (0.10)
7.75
(0.31)
M12 x1
M23 x1
13
(0.51)
72±0.3 (2.83)
Ø 3.2+0.1 (0.13)
47 (1.85)
Ø 63±0.2 (2.48)
A
General tolerances according to DIN ISO 2768-mk
PIN assignment
View of the M23 male connector plug-in face
4
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-05-10 11:53:11
Subject to change without notice



Html Pages

1 2 3 4 5 6 7