Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDR3325PT-R Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce LDR3325PT-R
Description  VERY LOW DROP DUAL VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDR3325PT-R Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button LDR3325PT-R Datasheet HTML 5Page - STMicroelectronics LDR3325PT-R Datasheet HTML 6Page - STMicroelectronics LDR3325PT-R Datasheet HTML 7Page - STMicroelectronics LDR3325PT-R Datasheet HTML 8Page - STMicroelectronics LDR3325PT-R Datasheet HTML 9Page - STMicroelectronics LDR3325PT-R Datasheet HTML 10Page - STMicroelectronics LDR3325PT-R Datasheet HTML 11Page - STMicroelectronics LDR3325PT-R Datasheet HTML 12Page - STMicroelectronics LDR3325PT-R Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LDRxxyy
11/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.80
6.90
7.00
0.268
0.272
0.2.76
Bo
10.40
10.50
10.60
0.409
0.413
0.417
Ko
2.55
2.65
2.75
0.100
0.104
0.105
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
7.9
8.0
8.1
0.311
0.315
0.319
Tape & Reel DPAK-PPAK MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13