Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDR1825PT-R Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce LDR1825PT-R
Description  VERY LOW DROP DUAL VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDR1825PT-R Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button LDR1825PT-R Datasheet HTML 5Page - STMicroelectronics LDR1825PT-R Datasheet HTML 6Page - STMicroelectronics LDR1825PT-R Datasheet HTML 7Page - STMicroelectronics LDR1825PT-R Datasheet HTML 8Page - STMicroelectronics LDR1825PT-R Datasheet HTML 9Page - STMicroelectronics LDR1825PT-R Datasheet HTML 10Page - STMicroelectronics LDR1825PT-R Datasheet HTML 11Page - STMicroelectronics LDR1825PT-R Datasheet HTML 12Page - STMicroelectronics LDR1825PT-R Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LDRxxyy
10/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
180
7.086
C
12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N
60
2.362
T
14.4
0.567
Ao
9.70
9.80
9.90
0.382
0.386
0.390
Bo
10.85
10.95
11.05
0.423
0.427
0.431
Ko
2.30
2.40
2.50
0.090
0.094
0.098
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
11.9
12.0
12.1
0.468
0.472
0.476
Tape & Reel SPAK-xL MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13