Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD404848FS Fiches technique(PDF) 13 Page - Hitachi Semiconductor

No de pièce HD404848FS
Description  4-Bit Single-Chip Microcomputer
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD404848FS Fiches technique(HTML) 13 Page - Hitachi Semiconductor

Back Button HD404848FS Datasheet HTML 9Page - Hitachi Semiconductor HD404848FS Datasheet HTML 10Page - Hitachi Semiconductor HD404848FS Datasheet HTML 11Page - Hitachi Semiconductor HD404848FS Datasheet HTML 12Page - Hitachi Semiconductor HD404848FS Datasheet HTML 13Page - Hitachi Semiconductor HD404848FS Datasheet HTML 14Page - Hitachi Semiconductor HD404848FS Datasheet HTML 15Page - Hitachi Semiconductor HD404848FS Datasheet HTML 16Page - Hitachi Semiconductor HD404848FS Datasheet HTML 17Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 125 page
background image
HD404849 Series
13
Memory registers
64
65
66
67
68
69
70
71
73
74
75
76
77
78
79
72
$040
$041
$042
$043
$044
$045
$046
$047
$048
$049
$04A
$04B
$04C
$04D
$04E
$04F
960
$3C0
1023
$3FF
MR(0)
MR(1)
MR(2)
MR(3)
MR(4)
MR(5)
MR(6)
MR(7)
MR(8)
MR(9)
Level 16
Level 15
Level 14
Level 13
Level 12
Level 11
Level 10
Level 9
Level 8
Level 7
Level 6
Level 5
Level 4
Level 3
Level 2
Level 1
MR(10)
MR(11)
MR(12)
MR(13)
MR(14)
MR(15)
PC
PC
PC
PC
PC
PC
PC
PC
PC
PC
PC
PC
ST
PC
CA
PC
10
3
13
9
6
2
12
8
5
1
11
7
4
0
Bit 3
Bit 2
Bit 1
Bit 0
$3FC
$3FD
$3FE
$3FF
1020
1021
1022
1023
PC –PC :
ST: Status flag
CA: Carry flag
Program counter
13
Stack area
0
Figure 6 Configuration of Memory Registers and Stack Area, and Stack Position
Bit
Initial value
Read/Write
Bit name
3
—
—
Not used
2
—
—
Not used
0
0
R/W
V0
1
—
—
Not used
V0
0
1
Bank area selection
Bank 0 is selected
Bank 1 is selected
Note: After reset, the value in the bank register is 0, and therefore bank 0 is
selected.
Bank register (V: $03F)
Figure 7 Bank Register (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More