| Moteur de recherche de fiches techniques de composants électroniques |
|
EPC635 Fiches technique(PDF) 88 Page - Espros Photonics corp |
|
|
|||||||||||||||||||||||||||||
EPC635 Fiches technique(HTML) 88 Page - Espros Photonics corp |
|
88 / 97 page ![]() 8.7.15. Shutter_Control Shutter_Control Shutter control: Video mode / SW control 0xA4 Bit No. 7 6 5 4 3 2 1 0 Bit name reserved multi_frame _en shutter_en Operation RW Default 0 0 0 0 0 0 0 0 0x00 multi_frame_en: Multiple frames (video mode). Refer to chapter 5.9.2 0: disable 1: enable shutter_en: Shutter release (SW control) 0: disable 1: enable (auto cleared). Starts acquisition Note: shutter_en is not auto-cleared when multi_frame_en = 1 8.7.16. Power_Control (analog) Power_Control (analog) Power control 0xA5 Bit No. 7 6 5 4 3 2 1 0 Bit name reserved reserved See note below Operation RW Default 0 0 0 0 0 1 1 1 0x07 Note: Refer to chapter 7.7., Power saving options, Table 39 8.7.17. DLL_en_ DLL_en_del_hi DLL synchronization: DLL pre-synchronization (high) 0xA6 Bit No. 15 14 13 12 11 10 9 8 Operation RW Default 0 0 0 0 0 0 1 1 0x03 Note: Description see DLL_en_del_lo DLL_en_del_lo DLL synchronization: DLL pre-synchronization (low) 0xA7 Bit No. 7 6 5 4 3 2 1 0 Operation RW Default 0 0 0 1 1 1 1 1 0x1F DLL_en_del: Number of mod_clk periods before the DLL enable (DLL pre-synchronization time). Default = 799: delay = (DLL_en_del + 1) * tmod_clk = 10µs DLL_en_hi DLL synchronization: DLL synchronization time (high) 0xA8 Bit No. 15 14 13 12 11 10 9 8 Operation RW Default 0 0 0 0 1 0 0 1 0x09 Note: Description see DLL_en_lo © 2017 ESPROS Photonics Corporation Characteristics subject to change without notice 88 / 97 Datasheet_epc635-V1.02 www.espros.com |