Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STRVS248X02C Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STRVS248X02C
Description  ST repetitive voltage suppressor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRVS248X02C Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STRVS248X02C Datasheet HTML 6Page - STMicroelectronics STRVS248X02C Datasheet HTML 7Page - STMicroelectronics STRVS248X02C Datasheet HTML 8Page - STMicroelectronics STRVS248X02C Datasheet HTML 9Page - STMicroelectronics STRVS248X02C Datasheet HTML 10Page - STMicroelectronics STRVS248X02C Datasheet HTML 11Page - STMicroelectronics STRVS248X02C Datasheet HTML 12Page - STMicroelectronics STRVS248X02C Datasheet HTML 13Page - STMicroelectronics STRVS248X02C Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package information
STRVSX
10/14
DocID023950 Rev 4
2.3
DO-15 package information
Figure 26. DO-15 dimension definitions
Table 7. DO-15 dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
6.05
6.75
0.238
0.266
B
2.95
3.53
0.116
0.139
C
26
31
1.024
1.220
D
0.71
0.88
0.028
0.035
D
B
A
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14