| Moteur de recherche de fiches techniques de composants électroniques |
|
STRVS118X02C Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STRVS118X02C Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 14 page ![]() Characteristics STRVSX 2/14 DocID023950 Rev 4 1 Characteristics Figure 1. Electrical characteristics - definitions Table 2. Absolute maximum ratings (Tamb = 25 °C) Symbol Parameter Value Unit Tj Operating junction temperature range (SMB and SMC) -55 to 150 °C Operating junction temperature range (DO-15 and DO-201) -55 to 175 °C Tstg Storage temperature range (SMB and SMC) -65 to 150 °C Storage temperature range (DO-15 and DO-201) -65 to 175 °C TL Maximum lead temperature for soldering during 10 s (SMB and SMC) 260 °C Maximum lead temperature for soldering during 10 s at 5 mm from case (DO-15 and DO-201) 260 °C Table 3. Thermal resistances Symbol Parameter Value Unit Rth(j-l) Junction to leads SMB 13 °C/W SMC 12 DO-15 35 DO-201 23 Rth(j-a) Junction to ambient SMB(1) 185 SMC(1) 150 DO-15 105 DO-201 100 1. On printed circuit with recommended pad layout Symbol Parameter V = Breakdown voltage I = Leakage current @ V V = Stand-off voltage V V = Clamping voltage at I PP = Clamping voltage where R line d crosses current axis I = Peak pulse current BR RM RM RM CL CL0 PP V I VCL V V BR CL0 VRM IF VF I I RM R IPP Slope: V/I = Rd I = Forward current F V = Forward voltage F R αT = Dynamic resistance = Voltage temperature coefficient on V BR d |