Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STG3820 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STG3820
Description  Low voltage high bandwidth quad DPDT switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3820 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STG3820 Datasheet HTML 10Page - STMicroelectronics STG3820 Datasheet HTML 11Page - STMicroelectronics STG3820 Datasheet HTML 12Page - STMicroelectronics STG3820 Datasheet HTML 13Page - STMicroelectronics STG3820 Datasheet HTML 14Page - STMicroelectronics STG3820 Datasheet HTML 15Page - STMicroelectronics STG3820 Datasheet HTML 16Page - STMicroelectronics STG3820 Datasheet HTML 17Page - STMicroelectronics STG3820 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Test circuits
STG3820
14/20
DocID15992 Rev 4
Figure 7. Off isolation
Figure 8. Test circuit
Note:
CL = 5/35 pF or equivalent: (includes jig capacitance).
RL = 50 Ω or equivalent.
RT = ZOUT of pulse generator (typically 50 Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20