Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST2L05R1500PS Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce ST2L05R1500PS
Description  VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2L05R1500PS Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button ST2L05R1500PS Datasheet HTML 15Page - STMicroelectronics ST2L05R1500PS Datasheet HTML 16Page - STMicroelectronics ST2L05R1500PS Datasheet HTML 17Page - STMicroelectronics ST2L05R1500PS Datasheet HTML 18Page - STMicroelectronics ST2L05R1500PS Datasheet HTML 19Page - STMicroelectronics ST2L05R1500PS Datasheet HTML 20Page - STMicroelectronics ST2L05R1500PS Datasheet HTML 21Page - STMicroelectronics ST2L05R1500PS Datasheet HTML 22Page - STMicroelectronics ST2L05R1500PS Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ST2L05
20/23
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
0.90
1.00
0.032
0.035
0.039
b
0.35
0.40
0.47
0.014
0.016
0.018
D
5.00
0.197
D2
4.05
4.2
4.30
0.163
0.165
0.167
E
6.00
0.236
E2
3.40
3.55
3.65
0.134
0.140
0.144
e
1.27
0.049
L
0.70
0.80
0.90
0.028
0.031
0.035
DFN8 (5x6) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23