Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAS3587F Fiches technique(PDF) 2 Page - Micronas

No de pièce MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRONAS [Micronas]
Site Internet  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Fiches technique(HTML) 2 Page - Micronas

  MAS3587F Datasheet HTML 1Page - Micronas MAS3587F Datasheet HTML 2Page - Micronas MAS3587F Datasheet HTML 3Page - Micronas MAS3587F Datasheet HTML 4Page - Micronas MAS3587F Datasheet HTML 5Page - Micronas MAS3587F Datasheet HTML 6Page - Micronas MAS3587F Datasheet HTML 7Page - Micronas MAS3587F Datasheet HTML 8Page - Micronas MAS3587F Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
2
Micronas
Contents
Page
Section
Title
5
1.
Introduction
5
1.1.
Features
6
1.2.
Application Overview
7
2.
Functional Description of the MAS 3587F
72.1.
Overview
7
2.2.
Architecture of the MAS 3587F
7
2.3.
DSP Core
7
2.4.
RAM and Registers
8
2.5.
Firmware and Software
8
2.5.1.
Internal Program ROM and Firmware, MPEG-Encoding/Decoding
9
2.5.2.
Program Download Feature
9
2.6.
Audio Codec
9
2.7.
A/D Converter and Microphone Amplifier
9
2.7.1.
Baseband Processing
9
2.7.1.1.
Bass, Treble, and Loudness
9
2.7.2.
Micronas Dynamic Bass (MDB)
9
2.7.2.1.
Automatic Volume Control (AVC)
10
2.7.2.2.
Balance and Volume
10
2.7.3.
D/A Converters
10
2.7.4.
Output Amplifiers
10
2.8.
Clock Management
11
2.8.1.
DSP Clock
11
2.8.2.
Clock Output at CLKO
11
2.9.
Power Supply Concept
11
2.9.1.
Power Supply Regions
11
2.9.2.
DC/DC Converters
13
2.9.3.
Power Supply Configurations
13
2.10.
Battery Voltage Supervision
14
2.11.
Interfaces
14
2.11.1.
I2C Control Interface
14
2.11.2.
S/PDIF Input Interface
14
2.11.3.
S/PDIF Output
14
2.11.4.
Multiline Serial Audio Input (SDI, SDIB)
14
2.11.5.
Multiline Serial Output (SDO)
14
2.11.6.
Parallel Input/Output Interface (PIO)
15
2.12.
MPEG Synchronization Output
15
2.13.
Default Operation
15
2.13.1.
Stand-by Functions
15
2.13.2.
Power-Up of the DC/DC Converters and Reset
16
2.13.3.
Control of the Signal Processing
16
2.13.4.
Start-up of the Audio Codec
16
2.13.5.
Power-Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82