Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HPC46004 Fiches technique(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce HPC46004
Description  High-Performance microController
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC46004 Fiches technique(HTML) 33 Page - National Semiconductor (TI)

Back Button HPC46004 Datasheet HTML 28Page - National Semiconductor (TI) HPC46004 Datasheet HTML 29Page - National Semiconductor (TI) HPC46004 Datasheet HTML 30Page - National Semiconductor (TI) HPC46004 Datasheet HTML 31Page - National Semiconductor (TI) HPC46004 Datasheet HTML 32Page - National Semiconductor (TI) HPC46004 Datasheet HTML 33Page - National Semiconductor (TI) HPC46004 Datasheet HTML 34Page - National Semiconductor (TI) HPC46004 Datasheet HTML 35Page - National Semiconductor (TI) HPC46004 Datasheet HTML 36Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Development Support (Continued)
FACTORY APPLICATIONS SUPPORT
Dial-A-Helper also provides immediate factory applications support If a user is having difficulty in operating a development
system he can leave messages on our electronic bulletin board which we will respond to
Voice
(408) 721-5582
Modem (408) 739-1162
Baud
300 or 1200 baud
Set-Up
Length
8-Bit
Parity
None
Stop Bit 1
Operation 24 Hrs 7 Days
DIAL-A-HELPER
TLDD11372 35
Part Selection
The HPC family includes devices with many different options and configurations to meet various application needs The number
HPC46064 has been generically used throughout this datasheet to represent the whole family of parts The following chart
explains how to order various options available when ordering HPC family members
Note
All options may not currently be available
TLDD11372 36
FIGURE 8 HPC Family Part Numbering Scheme
Examples
HPC46004V20
ROMless Commercial temperature (0 Cto70 C) PLCC
HPC16064XXXU20
16k masked ROM Military temperature (b55 Cto125 C) PGA
HPC26004XXXV20
ROMless Automotive temperature (b40 Cto a105 C) PLCC
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36