Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HPC16004 Fiches technique(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce HPC16004
Description  High-Performance microController
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC16004 Fiches technique(HTML) 11 Page - National Semiconductor (TI)

Back Button HPC16004 Datasheet HTML 7Page - National Semiconductor (TI) HPC16004 Datasheet HTML 8Page - National Semiconductor (TI) HPC16004 Datasheet HTML 9Page - National Semiconductor (TI) HPC16004 Datasheet HTML 10Page - National Semiconductor (TI) HPC16004 Datasheet HTML 11Page - National Semiconductor (TI) HPC16004 Datasheet HTML 12Page - National Semiconductor (TI) HPC16004 Datasheet HTML 13Page - National Semiconductor (TI) HPC16004 Datasheet HTML 14Page - National Semiconductor (TI) HPC16004 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Connection Diagrams
TLDD11372 32
Top View
Order Number HPC46064XXXF20 HPC46064XXXF30 HPC46004VF20 or HPC46004VF30
See NS Package Number VF80B
Plastic and Ceramic Leaded Chip Carriers
TLDD11372 33
Top View
Order Number HPC16064XXXL20 HPC16064XXXL30 HPC16004EL20 or HPC16004EL30
See NS Package Number EL68A
Order Number HPC16064XXXV20 HPC26064XXXV20 HPC36064XXXV20 HPC46064XXXV20
HPC16064XXXV30 HPC26064XXXV30 HPC36064XXXV30 HPC16004V20 HPC26004V20
HPC36004V20 HPC16004V30 HPV26004V30 HPC36004V30 or HPC46004V30
See NS Package Number V68A
Note
XXX designates the unique ROM cocde of a masked device
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36