| Moteur de recherche de fiches techniques de composants électroniques |
|
STTH30R04PI Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH30R04PI Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() STTH30R04 Characteristics 3/10 Figure 1. Conduction losses versus average current Figure 2. Forward voltage drop versus forward current 0 5 10 15 20 25 30 35 40 45 50 0 5 10 15 20 25 30 35 40 P(W) δ=0 05 δ=0 1 δ=0 2 δ=0 5 δ=1 T δ=tp/T tp IF(AV)(A) 0 20 40 60 80 100 120 140 160 180 200 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 I FM(A) T J=150°C (Maximum values) T J=150°C (Maximum values) T J=150°C (Typical values) T J=150°C (Typical values) T J=25°C (Maximum values) T J=25°C (Maximum values) VFM(V) Figure 3. Relative variation of thermal impedance junction to case versus pulse duration Figure 4. Peak reverse recovery current versus dIF/dt (typical values) 0.1 1.0 1.E-03 1.E-02 1.E-01 1.E+00 Zth (j c)/Rth(j c) Single pulse TO-220AC D²PAK DO-247 DOP-3I tp(s) 0 2 4 6 8 10 12 14 16 18 20 22 10 100 1000 I RM(A) I F= 30 A V R=320 V T j=125° C T j=25° C dIF/dt(A/µs) Figure 5. Reverse recovery time versus dIF/dt (typical values) Figure 6. Reverse recovery charges versus dIF/dt (typical values) 0 20 40 60 80 100 120 140 160 180 10 100 1000 t RR(ns) I F= 30 A V R=320 V T j=125° C T j=25° C dIF/dt(A/µs) 0 50 100 150 200 250 300 350 400 450 500 550 600 650 700 750 10 100 1000 Q RR(nC) I F= 30 A V R=320 V T j=125° C T j=25° C dIF/dt(A/µs) |