| Moteur de recherche de fiches techniques de composants électroniques |
|
STTH30R04W Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH30R04W Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() Characteristics STTH30R04 2/10 1 Characteristics To evaluate the conduction losses use the following equation: P = 0.9 x IF(AV) + 0.01 x IF 2 (RMS) Table 2. Thermal parameters Symbol Parameter Value Unit Rth(j-c) Junction to case TO-220AC / DO-247 / D2PAK 1.15 °C/W DOP3I 1.9 Table 3. Static electrical characteristics Symbol Parameter Test conditions Min Typ Max Unit IR (1) 1. Pulse test: tp = 5 ms, δ < 2 % Reverse leakage current Tj = 25° C VR = VRRM 15 µA Tj = 100° C 3 30 Tj = 125° C 15 150 VF (2) 2. Pulse test: tp = 380 µs, δ < 2 % Forward voltage drop Tj = 25° C IF = 15 A 1.26 V Tj = 150° C 0.8 1.0 Tj = 25° C IF = 30 A 1.45 Tj = 100° C 1.3 Tj = 150° C 0.97 1.2 Table 4. Dynamic characteristics Symbol Parameter Test conditions Min Typ Max Unit trr Reverse recovery time IF = 1 A, dIF/dt = -200 A/µs, VR = 30 V, Tj = 25° C 24 35 ns IF = 1 A, dIF/dt = -15 A/µs, VR = 30 V, Tj = 25° C 78 100 IF = 1 A, IR = 1 A, IRR = 0.25 A, Tj = 25° C 50 IRM Reverse recovery current IF = 30 A, dIF/dt = -200 A/µs, VR = 160 V, Tj = 125° C 10 14 A tfr Forward recovery time IF = 30 A dIF/dt = 100 A/µs VFR = 1.1 x VFmax, Tj = 25° C 500 ns VFP Forward recovery voltage IF = 30 A dIF/dt = 100 A/µs VFR = 1.1 x VFmax, Tj = 25° C 2.9 V |