| Moteur de recherche de fiches techniques de composants électroniques |
|
MAS9171AS Fiches technique(PDF) 2 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS9171AS Fiches technique(HTML) 2 Page - Micro Analog systems |
|
2 / 9 page ![]() S 2 DA9171A.000 July 31, 1997 PIN CONFIGURATION PIN DESCRIPTION Pin Name Pin Type Function GND 1 G Ground IN1 2 I Digital Input 1 IN2 3 I Digital Input 2 IN3 4 I Digital Input 3 IN4 5 I Digital Input 4 IN5 6 I Digital Input 5 IN6 7 I Digital Input 6 IN7 8 I Digital Input 7 IN8 9 I Digital Input 8 OUT8 10 O Digital Output 8 OUT7 11 O Digital Output 7 OUT6 12 O Digital Output 6 OUT5 13 O Digital Output 5 OUT4 14 O Digital Output 4 OUT3 15 O Digital Output 3 OUT2 16 O Digital Output 2 OUT1 17 O Digital Output 1 VDD 18 P Positive Supply Voltage |