| Moteur de recherche de fiches techniques de composants électroniques |
|
LP3906 Fiches technique(PDF) 25 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP3906 Fiches technique(HTML) 25 Page - National Semiconductor (TI) |
|
25 / 38 page ![]() LP3906 Control Registers (Continued) BUCK AND LDO OUTPUT VOLTAGE ENABLE REGISTER (BKLDOEN) – 0X10 This register controls the enables for the Bucks and LDOs. D7 D6 D5 D4 D3 D2 D1 D0 Name — LDO2EN — LDO1EN — BK2EN — BK1EN Access — R/W — R/W — R/W — R/W Data Reserved 0 – Disable 1 – Enable Reserved 0 – Disable 1 – Enable Reserved 0 – Disable 1 – Enable Reserved 0 – Disable 1 – Enable Reset 0 1 1 1 0 1 0 1 BUCK AND LDO STATUS REGISTER (BKLDOSR) – 0X11 This register monitors whether the Bucks and LDOs meet the voltage output specifications. D7 D6 D5 D4 D3 D2 D1 D0 Name BKS_OK LDOS_OK LDO2_OK LDO1_OK — BK2_OK — BK1_OK Access RRRR — R — R Data 0 – Buck 1-2 Not Valid 1 – Bucks Valid 0 – LDO 1-2 Not Valid 1 – LDOs Valid 0 – LDO2 Not Valid 1 – LDO2 Valid 0 – LDO1 Not Valid 1 – LDO1 Valid Reserved 0 – Buck2 Not Valid 1 – Buck2 Valid Reserved 0 – Buck1 Not Valid 1 – Buck1 Valid Reset 00000 00 0 BUCK VOLTAGE CHANGE CONTROL REGISTER 1 (VCCR) – 0X20 This register selects and controls the output target voltages for the buck regulators. D7-6 D5 D4 D3-2 D1 D0 Name — B2VS B2GO — B1VS B1GO Access — R/W R/W — R/W R/W Data Reserved Buck2 Target Voltage Select 0 – B2VT1 1 – B2VT2 Buck2 Voltage Ramp CTRL 0 – Hold 1 – Ramp to B2VS selection Reserved Buck1 Target Voltage Select 0 – B1VT1 1 – B1VT2 Buck1 Voltage Ramp CTRL 0 – Hold 1 – Ramp to B1VS selection Reset 00 0 0 00 0 0 www.national.com 25 |