| Moteur de recherche de fiches techniques de composants électroniques |
|
X5083P Fiches technique(PDF) 11 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X5083P Fiches technique(HTML) 11 Page - Xicor Inc. |
|
11 / 21 page ![]() X5083 Characteristics subject to change without notice. 11 of 21 REV 1.1.6 6/25/02 www.xicor.com Figure 11. End of Nonvolatile Write (no Polling) SYMBOL TABLE 012345 CS SCK SI INSTRUCTION tWC Non-volatile Write Operation 67 NEXT Wait tWC after a write for new operation, if not using polling procedure WAVEFORM INPUTS OUTPUTS Must be steady Will be steady May change from LOW to HIGH Will change from LOW to HIGH May change from HIGH to LOW Will change from HIGH to LOW Don’t Care: Changes Allowed Changing: State Not Known N/A Center Line is High Impedance |