Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8199SCDR Fiches technique(PDF) 10 Page - Wolfson Microelectronics plc

No de pièce WM8199SCDR
Description  20MSPS 16-bit CCD Digitiser
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8199SCDR Fiches technique(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8199SCDR Datasheet HTML 6Page - Wolfson Microelectronics plc WM8199SCDR Datasheet HTML 7Page - Wolfson Microelectronics plc WM8199SCDR Datasheet HTML 8Page - Wolfson Microelectronics plc WM8199SCDR Datasheet HTML 9Page - Wolfson Microelectronics plc WM8199SCDR Datasheet HTML 10Page - Wolfson Microelectronics plc WM8199SCDR Datasheet HTML 11Page - Wolfson Microelectronics plc WM8199SCDR Datasheet HTML 12Page - Wolfson Microelectronics plc WM8199SCDR Datasheet HTML 13Page - Wolfson Microelectronics plc WM8199SCDR Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
WM8199
Production Data
w
PD Rev 3.2 November 2003
10
OEB
OP[7:0]
t
PZE
Hi-Z
t
PEZ
Hi-Z
Figure 5 Output Data Enable Timing
Test Conditions
AVDD = DVDD1 = 5.0V, DVDD2 = 3.3V, AGND = DGND = 0V, TA = 25
°C unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output propagation delay
tPD
IOH = 1mA, IOL = 1mA
18
30
ns
Output enable time
tPZE
20
ns
Output disable time
tPEZ
15
ns
MCLK
RLC/ACYC
PGA/OFFSET
MUX OUTPUT
t
ACYCSU
t
ACYCH
t
ACYCSU
t
ACYCH
Figure 6 Auto Cycle Timing
Test Conditions
AVDD = DVDD1 = 5.0V, DVDD2 = 3.3V, AGND = DGND = 0V, TA = 25
°C unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Auto Cycle set-up time
tACYCSU
5
ns
Auto Cycle hold time
tACYCH
3
ns
SERIAL INTERFACE
SCK
SDI
SEN
SDO
t
SPER
t
SCKL
t
SCKH
t
SSU
t
SH
t
SCE
t
SEW
t
SEC
t
SERD
t
SCRD
MSB
LSB
t
SCRDZ
ADC DATA
ADC
DATA
REGISTER DATA
Figure 7 Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30