Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NAND512R3A Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce NAND512R3A
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512R3A Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button NAND512R3A Datasheet HTML 28Page - STMicroelectronics NAND512R3A Datasheet HTML 29Page - STMicroelectronics NAND512R3A Datasheet HTML 30Page - STMicroelectronics NAND512R3A Datasheet HTML 31Page - STMicroelectronics NAND512R3A Datasheet HTML 32Page - STMicroelectronics NAND512R3A Datasheet HTML 33Page - STMicroelectronics NAND512R3A Datasheet HTML 34Page - STMicroelectronics NAND512R3A Datasheet HTML 35Page - STMicroelectronics NAND512R3A Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
32/57
Hardware Simulation Models
Behavioral simulation models. Denali Software
Corporation models are platform independent
functional models designed to assist customers in
performing entire system simulations (typical
VHDL/Verilog). These models describe the logic
behavior and timings of NAND Flash devices, and
so allow software to be developed before hard-
ware.
IBIS simulations models. IBIS (I/O Buffer Infor-
mation Specification) models describe the behav-
ior of the I/O buffers and electrical characteristics
of Flash devices.
These models provide information such as AC
characteristics, rise/fall times and package me-
chanical data, all of which are measured or simu-
lated at voltage and temperature ranges wider
than those allowed by target specifications.
IBIS models are used to simulate PCB connec-
tions and can be used to resolve compatibility is-
sues when upgrading devices. They can be
imported into SPICETOOLS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57