Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSH80IYDT Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce TSH80IYDT
Description  Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80IYDT Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button TSH80IYDT Datasheet HTML 15Page - STMicroelectronics TSH80IYDT Datasheet HTML 16Page - STMicroelectronics TSH80IYDT Datasheet HTML 17Page - STMicroelectronics TSH80IYDT Datasheet HTML 18Page - STMicroelectronics TSH80IYDT Datasheet HTML 19Page - STMicroelectronics TSH80IYDT Datasheet HTML 20Page - STMicroelectronics TSH80IYDT Datasheet HTML 21Page - STMicroelectronics TSH80IYDT Datasheet HTML 22Page - STMicroelectronics TSH80IYDT Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TSH80-TSH81-TSH82
Package Mechanical Data
21/23
6.2
TSSOP8 Package
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.008
D
2.90
3.00
3.10
0.114
0.118
0.122
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
0.65
0.0256
K0˚
8˚
0˚
8˚
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1
0.039
TSSOP8 MECHANICAL DATA
0079397/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23