Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1065397 Fiches technique(PDF) 4 Page - SICK AG

No de pièce 1065397
Description  SENSORS FOR C-SLOT CYLINDERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

1065397 Fiches technique(HTML) 4 Page - SICK AG

  1065397 Datasheet HTML 1Page - SICK AG 1065397 Datasheet HTML 2Page - SICK AG 1065397 Datasheet HTML 3Page - SICK AG 1065397 Datasheet HTML 4Page - SICK AG 1065397 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
RZC1-04ZUS-KU0S01 | RZC1
SENSORS FOR C-SLOT CYLINDERS
Recommended accessories
Other models and accessories
www.sick.com/RZC1
Brief description
Type
Part no.
Brackets for cylinder sensors
1 piece, Mounting bracket on round body cylinder with piston diameter of 12 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RC-12
2077673
1 piece, Mounting bracket on round body cylinder with piston diameter of 16 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RC-16
2077672
1 piece, Mounting bracket on round body cylinder with piston diameter of 20 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RC-20
2077671
1 piece, Mounting bracket on round body cylinder with piston diameter of 25 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RC-25
2077670
1 piece, Mounting bracket on round body cylinder with piston diameter of 32 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RC-32
2077669
1 piece, Mounting bracket on round body cylinder with piston diameter of 40 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RC-40
2077668
1 piece, Mounting bracket on round body cylinder with piston diameter of 50 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RC-50
2077667
1 piece, Mounting bracket on round body cylinder with piston diameter of 63 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RC-63
2077666
1 piece, Mounting bracket on round body cylinder with piston diameter of 1 mm ...
130 mm, ambient temperature min –30 °C max 80 °C, Stainless steel, Aluminum
BEF-KHZ-RC1-130
2077686
1 piece, Mounting bracket on round body cylinder with piston diameter of 1 mm ...
25 mm, ambient temperature min –30 °C max 80 °C, Stainless steel, Aluminum
BEF-KHZ-RC1-25
2077685
Mounting bracket for mounting on SMC rails CDQ2 (C-slot), Aluminum
BEF-KHZ-TC2
2046442
Mounting bracket for mounting on SMC rails ECDQ2 (C-slot), Aluminum, without mount-
ing hardware
BEF-KHZ-TC1
2046441
4
MAGNETIC CYLINDER SENSORS | SICK
Online data sheet | 2017-05-04 16:20:10
Subject to change without notice



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com