| Moteur de recherche de fiches techniques de composants électroniques |
|
L9660TR Fiches technique(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9660TR Fiches technique(HTML) 46 Page - STMicroelectronics |
|
46 / 49 page ![]() Functional description L9660 46/49 DocID024714 Rev 2 The MOSI response for the first pass L9660 is 0xCE09. Table 31. MOSI monitor mode 4 bit definition Bit MOSI command MISO response State Description D15 1 Mode Bits See above for state D14 1 See above for state D13 Odd Parity – Includes all 16 bits Odd Parity – Includes all 16 bits D12 0 - See above for state D11 1 Mode selection See above for state D10 1 Mode selection See above for state D9-D6 0 - ‘1000’ is device L9660 D5:D0 0 - Revision Information |