| Moteur de recherche de fiches techniques de composants électroniques |
|
L9660 Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9660 Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 49 page ![]() DocID024714 Rev 2 41/49 L9660 Functional description 48 Monitor commands Monitor Mode 1 Monitor mode main information: Deployment status The SPI message definition for MOSI commands and MISO responses in Monitor Mode 1 are defined below. MSB LSB D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 MOSI Command for Monitor Mode 1 1 1 P 0 0 0 0 DS Channel Selection Status Request MISO Response for Monitor Mode 1 1 1 P 0 0 0 0 DS Channel Status Table 26. MOSI diagnostic mode 1 bit definition Bit MOSI Command MISO Response State Description D15 1 Mode bits See above for state D14 1 Mode bits See above for state D13 Odd Parity – Includes all 16 bits Odd Parity – Includes all 16 bits D12 0 - See above for state D11 0 Monitor Mode selection bits See above for state D10 0 Monitor Mode selection bits See above for state D9 0 - See above for state D8 0 Report Deploy Success Flag (default) Internal state of report setting 1 Report Deploy Status D7 0 - 0 D6 0 - 0 D5 0 - 0 D4 0 - 0 D3 0 Keep Deploy Success Flag Channel 3 (default) Deploy Information for channel based on bit D8 is either DEPLOY_STATUS3 orDEPLOY_SUCCESS3 1 Clear Deploy Success Flag Channel 3 D2 0 Keep Deploy Success Flag Channel 2 (default) Deploy Information for channel based on bit D8 is either DEPLOY_STATUS2 or DEPLOY_SUCCESS62 1 Clear Deploy Success Flag Channel 2 D1 0 Keep Deploy Success Flag Channel 1 (default) Deploy Information for channel based on bit D8 is either DEPLOY_STATUS1 or DEPLOY_SUCCESS1 1 Clear Deploy Success Flag Channel 1 D0 0 Keep Deploy Success Flag Channel 0 (default) Deploy Information for channel based on bit D8 is either DEPLOY_STATUS0 or DEPLOY_SUCCESS0 1 Clear Deploy Success Flag Channel 0 |