Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ETP01-2821 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce ETP01-2821
Description  Differential and common mode protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETP01-2821 Fiches technique(HTML) 4 Page - STMicroelectronics

  ETP01-2821 Datasheet HTML 1Page - STMicroelectronics ETP01-2821 Datasheet HTML 2Page - STMicroelectronics ETP01-2821 Datasheet HTML 3Page - STMicroelectronics ETP01-2821 Datasheet HTML 4Page - STMicroelectronics ETP01-2821 Datasheet HTML 5Page - STMicroelectronics ETP01-2821 Datasheet HTML 6Page - STMicroelectronics ETP01-2821 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Application information
ETP01-xx21
4/7
Doc ID 14515 Rev 4
2
Application information
Figure 5.
Application schematic for Ethernet 10/100 Mbps
Figure 6.
Recommended layout
RX-
RX-
RX+
RX+
TX-
TX-
TX+
TX+
75
75
2 x ETP01-xx21
DVIULC6-4SC6
75
75
RX-
RX-
RX+
RX+
TX-
TX-
TX+
TX+
75
75
2 x ETP01-xx21
DVIULC6-4SC6
75
75
T1
T1
T2
T2
GND
GND
GND
GND
T1
T1
T2
T2
GND
GND
GND
GND



Html Pages

1 2 3 4 5 6 7