Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECMF02-3HSM6 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce ECMF02-3HSM6
Description  Provides -20 dB attenuation at 700 MHz in LTE bands
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-3HSM6 Fiches technique(HTML) 4 Page - STMicroelectronics

  ECMF02-3HSM6 Datasheet HTML 1Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 2Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 3Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 4Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 5Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 6Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 7Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 8Page - STMicroelectronics ECMF02-3HSM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Characteristics
ECMF02-3HSM6
4/15
DocID024843 Rev 3
Figure 5. Return loss versus frequency (Z0 com = 50 Ω)
Figure 6. Differential (ZDD21) and common mode (ZCC21) impedance versus
frequency
10M
30M
100M
300M
1G
3G
-40
-35
-30
-25
-20
-15
-10
-5
0
SDD11
SDD22
F (Hz)
SDDxx (dB)
1E7
1E8
1E9
6E9
1E1
1E2
1E3
1E4
ZDD21
ZCC21
(Ω)
F
(Hz)
ZCC21
ZDD21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15