Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECMF02-3F3 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce ECMF02-3F3
Description  Common mode filter with ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-3F3 Fiches technique(HTML) 4 Page - STMicroelectronics

  ECMF02-3F3 Datasheet HTML 1Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 2Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 3Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 4Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 5Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 6Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 7Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 8Page - STMicroelectronics ECMF02-3F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
ECMF02-3F3
4/12
DocID023283 Rev 3
Figure 6. SDD11 / SDD22 differential return loss versus frequency (ID pin floating)
Figure 7. Eye diagram (according to USB 2.0 high speed specification mask1)
100.0k
1.0M
10.0M
100.0M
1.0G
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
F(Hz)
SDD22
SDD11
SDD11 / SDD22 (dB)
Board only
347.2 ps/c
200 mV/c
With ECMF02-
3F3, Id pin open
ID open
347.2 ps/c
200 mV/c
Through ISS
(Impedance Standard Substrate)
With ECMF02-3F3
ID pin floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12