Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS21P2TLRQ Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce AS21P2TLRQ
Description  Low voltage 0.5 Ω max dual single-pole double-throw analog switch with break-before-make
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS21P2TLRQ Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button AS21P2TLRQ Datasheet HTML 2Page - STMicroelectronics AS21P2TLRQ Datasheet HTML 3Page - STMicroelectronics AS21P2TLRQ Datasheet HTML 4Page - STMicroelectronics AS21P2TLRQ Datasheet HTML 5Page - STMicroelectronics AS21P2TLRQ Datasheet HTML 6Page - STMicroelectronics AS21P2TLRQ Datasheet HTML 7Page - STMicroelectronics AS21P2TLRQ Datasheet HTML 8Page - STMicroelectronics AS21P2TLRQ Datasheet HTML 9Page - STMicroelectronics AS21P2TLRQ Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Maximum rating
AS21P2TLR
6/22
DocID026024 Rev 1
3
Maximum rating
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to 5.5
V
VI
DC input voltage
-0.5 to VCC + 0.5
V
VIC
DC control input voltage
-0.5 to 5.5
V
VO
DC output voltage
-0.5 to VCC + 0.5
V
IIKC
DC input diode current on control pin (VIN <0V)
-50
mA
IIK
DC Input diode current (VIN <0V)
±50
mA
IOK
DC output diode current
±20
mA
IO
DC output current
±300
mA
IOP
DC output current peak (pulse at 1 ms, 10% duty cycle)
±500
mA
ICC or
IGND
DC VCC or ground current
±100
mA
PD
Power dissipation at TA =70 °C
1120
mW
TSTG
Storage temperature
-65 to 150
°C
TL
Lead temperature (10 sec)
300
°C
Table 5. Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
1.65 to 4.3
V
VI
Input voltage
0 to VCC
V
VIC
Control input voltage
0 to 4.3
V
VO
Output voltage
0 to VCC
V
Top
Operating temperature
-40 to 85
°C
dt/dv
Input rise and fall time control
input
VCC = 1.65 to 2.7 V
0 to 20
ns/V
VCC= 3.0 to 4.3 V
0 to 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22