Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS21P2TLR Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce AS21P2TLR
Description  Low voltage 0.5 Ω max dual single-pole double-throw analog switch with break-before-make
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS21P2TLR Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button AS21P2TLR Datasheet HTML 8Page - STMicroelectronics AS21P2TLR Datasheet HTML 9Page - STMicroelectronics AS21P2TLR Datasheet HTML 10Page - STMicroelectronics AS21P2TLR Datasheet HTML 11Page - STMicroelectronics AS21P2TLR Datasheet HTML 12Page - STMicroelectronics AS21P2TLR Datasheet HTML 13Page - STMicroelectronics AS21P2TLR Datasheet HTML 14Page - STMicroelectronics AS21P2TLR Datasheet HTML 15Page - STMicroelectronics AS21P2TLR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Test circuit
AS21P2TLR
12/22
DocID026024 Rev 1
Figure 7. Channel-to-channel crosstalk
1. CL = 5/35 pF or equivalent (includes jig and probe capacitance).
RL =50  or equivalent.
RT =ZOUT of pulse generator (typically 50 ).
Figure 8. Test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22