Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS21P2THB Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce AS21P2THB
Description  Low voltage high bandwidth dual single-pole double-throw analog switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS21P2THB Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button AS21P2THB Datasheet HTML 11Page - STMicroelectronics AS21P2THB Datasheet HTML 12Page - STMicroelectronics AS21P2THB Datasheet HTML 13Page - STMicroelectronics AS21P2THB Datasheet HTML 14Page - STMicroelectronics AS21P2THB Datasheet HTML 15Page - STMicroelectronics AS21P2THB Datasheet HTML 16Page - STMicroelectronics AS21P2THB Datasheet HTML 17Page - STMicroelectronics AS21P2THB Datasheet HTML 18Page - STMicroelectronics AS21P2THB Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
DocID026023 Rev 1
15/23
AS21P2THB
Test circuit
23
Figure 10. Test circuit
1. CL = 5/35 pF or equivalent (includes jig and probe capacitance)
2. RL =50  or equivalent
3. RT =ZOUT of pulse generator (typically 50 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23