Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS11P2TLR Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AS11P2TLR
Description  Low voltage 1 Ω single-pole double-throw analog switch with break before make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS11P2TLR Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AS11P2TLR Datasheet HTML 10Page - STMicroelectronics AS11P2TLR Datasheet HTML 11Page - STMicroelectronics AS11P2TLR Datasheet HTML 12Page - STMicroelectronics AS11P2TLR Datasheet HTML 13Page - STMicroelectronics AS11P2TLR Datasheet HTML 14Page - STMicroelectronics AS11P2TLR Datasheet HTML 15Page - STMicroelectronics AS11P2TLR Datasheet HTML 16Page - STMicroelectronics AS11P2TLR Datasheet HTML 17Page - STMicroelectronics AS11P2TLR Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Package information
AS11P2TLR
14/18
DocID026034 Rev 1
Figure 14. DFN6L carrier tape information
1. Measured from centreline of sprocket hole to centreline of pocket.
2. Cumulative tolerance of 10 sprocket holes is ± 0.20.
3. Measured from centreline of sprocket hole to centreline of pocket.
4. Other material available.
5. Drawing is not to scale.
6. All dimensions are in millimeters unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18