Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STOD13CMTPUR Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STOD13CMTPUR
Description  250 mA dual DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13CMTPUR Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STOD13CMTPUR Datasheet HTML 10Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 11Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 12Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 13Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 14Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 15Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 16Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 17Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Application information
STOD13CM
14/25
024087 Rev 1
6.2
Recommended PCB layout
The STOD13CM is a high frequency power switching device and therefore requires a proper
PCB layout in order to obtain the necessary stability and optimize line/load regulation and
output voltage ripple.
Analog input (VINA) and power input (VINP) must be kept separated and connected at the
CIN pad only. The input capacitor must be as close as possible to the IC.
In order to minimize ground noise, a common ground node for power ground and a different
one for analog ground must be used. In the recommended layout, the AGND node is placed
close to CREF ground while the PGND node is centered at CIN ground. They are connected
by a separated layer routing on the bottom through vias.
The exposed pad is connected to AGND through vias.
In order to provide precise VMID sensing, proper PCB layout is mandatory.
Figure 11.
Top layer and silk-screen (top view, not to scale)
Figure 12.
Bottom layer and silk-screen (top view, not to scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25