Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STOD03AS Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STOD03AS
Description  Dual DC-DC converter for powering AMOLED displays
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03AS Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STOD03AS Datasheet HTML 12Page - STMicroelectronics STOD03AS Datasheet HTML 13Page - STMicroelectronics STOD03AS Datasheet HTML 14Page - STMicroelectronics STOD03AS Datasheet HTML 15Page - STMicroelectronics STOD03AS Datasheet HTML 16Page - STMicroelectronics STOD03AS Datasheet HTML 17Page - STMicroelectronics STOD03AS Datasheet HTML 18Page - STMicroelectronics STOD03AS Datasheet HTML 19Page - STMicroelectronics STOD03AS Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Application information
STOD03AS
16/25
DocID022614 Rev 2
7.2
Recommended PCB layout
The STOD03AS is high frequency power switching device and therefore requires a proper
PCB layout in order to obtain the necessary stability and optimize line/load regulation and
output voltage ripple.
Analog input (VINA) and power input (VINP) must be kept separated and connected together
at the CIN pad only. The input capacitor must be as close as possible to the IC.
In order to minimize the ground noise, a common ground node for power ground and a
different one for analog ground must be used. In the recommended layout, the AGND node
is placed close to CREF ground while the PGND node is centered at CIN ground. They are
connected by a separated layer routing on the bottom through vias.
The exposed pad is connected to AGND through vias.
Figure 14. Top layer and silk-screen (top view, not to scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25